Part Number Hot Search : 
SFH6316 GMBTA64 1490A D1975 GU1085 5SDPST LVC14A STUB056
Product Description
Full Text Search
 

To Download 2SK3658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3658
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L --MOSV)
2
2SK3658
DC-DC Converter, Relay Drive and Motor Drive Applications
Low drain-source ON resistance High forward transfer admittance Low leakage current Enhancement-mode : RDS (ON) = 0.23 (typ.) : |Yfs| = 2.0 S (typ.) Unit: mm
: IDSS = 100 A (max) (VDS = 60 V) : Vth = 0.8 to 2.0 V (VDS = 10 V, ID = 1mA)
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD PD Tch Tstg Pulse (Note 1) Rating 60 60 20 2 6 0.5 1.5 150 -55 to 150 Unit V V V A W W C C
3 1 2
Drain power dissipation (Tc = 25C) Drain power dissipation Channel temperature Storage temperature range (Note 2)
JEDEC JEITA TOSHIBA
SC-62 2-5K1B
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: Mounted on ceramic substrate (25.4 mm x 25.4 mm x 0.8 mm)
Weight: 0.05 g (typ.)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change
in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient Symbol Rth (ch-a) Max 250 Unit C / W
This transistor is an electrostatic sensitive device. Please handle with caution.
Marking
Lot no.
Z
H
Week of manufacture Year of manufacture: last decimal digit of the year of manufacture
Product no. (abbr.)
1
2006-11-17
2SK3658
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton tf toff Qg Qgs Qgd VDD 48 V, VGS = 10 V, ID = 2 A VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 60 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 4 V, ID = 1 A VGS = 10 V, ID = 1 A VDS = 10 V, ID = 1 A Min -- -- 60 0.8 -- -- 1.0 -- -- -- -- Typ. -- -- -- -- 0.33 0.23 2.0 140 20 65 140 Max 10 100 -- 2.0 0.44 0.30 -- -- -- -- -- pF Unit A A V V S
Turn-on time Switching time Fall time
--
210
-- ns
--
470
--
Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") Charge
-- -- -- --
1600 5.0 3.6 1.4
-- -- -- -- nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr IDR = 2 A, VGS = 0 V IDR = 2 A, VGS = 0 V dIDR / dt = 50 A / s Test Condition -- -- Min -- -- -- -- -- Typ. -- -- -- 100 40 Max 2 6 -1.5 -- -- Unit A A V ns nC
2
2006-11-17
2SK3658
3
2006-11-17
2SK3658
4
2006-11-17
2SK3658
5
2006-11-17
2SK3658
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2006-11-17


▲Up To Search▲   

 
Price & Availability of 2SK3658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X